| Moteur de recherche de fiches techniques de composants électroniques |
|
TL431K-T92-R Fiches technique(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TL431K-T92-R Fiches technique(HTML) 4 Page - Unisonic Technologies |
|
4 / 7 page ![]() TL431 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 4 of 7 www.unisonic.com.tw QW-R103-003.AG ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Cathode Voltage VKA 37 V Cathode Current Range(Continuous) IKA -100 ~ +150 mA Reference Input Current Range IREF -0.05 ~ +10 mA Power Dissipation TO-92 PD 770 mW SOT-89 800 mW SOT-23/SOT-23-3/SOT-25 300 mW SOP-8 600 mW Operating Junction TJ +150 °C Operating Ambient TOPR -40 ~ +85 °C Storage Temperature TSTG -65 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL MIN TYP MAX UNIT Cathode Voltage VKA VREF 36 V Cathode Current IKA 1 100 mA ELECTRICAL CHARACTERISTICS (TC= 25°C, unless otherwise specified.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Reference Input Voltage VREF VKA=VREF,IKA=10mA TL431-A 2.483 2.495 2.507 V TL431-1 2.470 2.495 2.520 V TL431-2 2.520 - 2.545 V TL431-3 2.445 - 2.470 V Deviation of reference Input Voltage Over temperature ΔT ΔVREF VKA=VREF,IKA=10mA, 0°C ≤TA≤70°C 4.5 17 mV Ratio of Change in Reference Input Voltage to the Change in Cathode Voltage KA REF ΔV ΔV IKA=10mA ΔVKA=10V~VREF -1.0 -2.7 mV/V ΔVKA=36V~10V -0.5 -2.0 mV/V Reference Input Current IREF IKA=10mA, R1=10kΩ, R2=∞ 1.5 4 µA Deviation of Reference Input Current Over Full Temperature Range ΔT ΔIREF IKA=10mA, R1=10kΩ, R2=∞, TA =full Temperature 0.4 1.2 µA Minimum Cathode Current for Regulation IKA(MIN) VKA=VREF 0.3 0.5 mA Off-State Cathode Current IKA(OFF) VKA=36V, VREF=0 0.05 1.0 µA Dynamic Impedance ZKA VKA=VREF, IKA=1~ 100mA,f≤1.0kHz 0.15 0.5 Ω |