| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP31CG-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TIP31CG-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD TIP31C NPN EXPITAXIAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R203-010.D NPN EXPITAXIAL PLANAR TRANSISTOR DESCRIPTION The UTC TIP31C is a NPN epitaxial planar transistor, designed for using in general purpose amplifier and switching applications. FEATURES * Complement to TIP32C. Lead-free: TIP31CL Halogen-free:TIP31CG ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Halogen Free Package 1 2 3 Packing TIP31C-T60-B TIP31CL-T60-B TIP31CG-T60-B TO-126 B C E Bulk TIP31C-TA3-T TIP31CL-TA3-T TIP31CG-TA3-T TO-220 B C E Tube TIP31C-TN3-R TIP31CL-TN3-R TIP31CG-TN3-R TO-252 B C E Tape Reel |
Numéro de pièce similaire - TIP31CG-TN3-R |
|
Description similaire - TIP31CG-TN3-R |