| Moteur de recherche de fiches techniques de composants électroniques |
|
PEB2023 Fiches technique(PDF) 21 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
PEB2023 Fiches technique(HTML) 21 Page - Siemens Semiconductor Group |
|
21 / 25 page ![]() PEB 2023 PEF 2023 Electrical Characteristics Semiconductor Group 21 08.97 3.2 Operating Range Note: In the operating range the functions given in the circuit description are fulfilled. 3.3 Static Thermal Resistance Parameter Symbol Limit Values Unit Test Condition min. max. Ambient temperature under bias PEB 2023 PEF 2023 T A T A 0 -40 70 85 °C °C Supply voltage (pin V S) for sup. voltage range 1 V S1 12 80 V Referred to GND Supply voltage (pin V S) for sup. voltage range 2 or 3 V S2,3 8 90 V Referred to GND Parameter Symbol Limit Values Unit Test Condition min. max. Junction to ambient Rth, jA 112 K/W P-DSO-14 |