| Moteur de recherche de fiches techniques de composants électroniques |
|
IXDI630YI Fiches technique(PDF) 5 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
IXDI630YI Fiches technique(HTML) 5 Page - Clare, Inc. |
|
5 / 12 page ![]() IXD_630 R01 www.clare.com 5 1.6 Electrical Characteristics: TA = - 40°C to +125°C Test Conditions: UVLO < VCC < 35V, TJ<150°C. 1.7 Thermal Characteristics Parameter Conditions Symbol Minimum Maximum Units Input Voltage, High UVLO < VCC < 18V VIH 4- V Input Voltage, Low UVLO < VCC < 18V VIL -0.8 Output Resistance, High State VCC=18V, IOUT= -100mA ROH -0.6 Output Resistance, Low State VCC=18V, IOUT=100mA ROL -0.45 Rise Time CLOAD=5.6nF, VCC=18V tr -35 ns Fall Time CLOAD=5.6nF, VCC=18V tf -35 On-Time Propagation Delay CLOAD=5.6nF, VCC=18V tondly -100 Off-Time Propagation Delay CLOAD=5.6nF, VCC=18V toffdly -100 Package Parameter Symbol Rating Units IXD_630CI (5-Lead TO-220) Thermal Resistance, Junction-to-Ambient JA 36 °C/W IXD_630YI (5-Lead TO-263) 46 IXD_630CI (5-Lead TO-220) Thermal Resistance, Junction-to-Case JC 3 °C/W IXD_630YI (5-Lead TO-263) 2 |