| Moteur de recherche de fiches techniques de composants électroniques |
|
IXDF602SITR Fiches technique(PDF) 7 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
IXDF602SITR Fiches technique(HTML) 7 Page - Clare, Inc. |
|
7 / 13 page ![]() IXD_602 R02 www.clare.com 7 4 Typical Performance Characteristics Supply Voltage (V) 0 5 10 15 20 25 30 35 40 0 20 40 60 80 100 120 Rise Time vs. Supply Voltage (V IN=0-5V, f=10kHz, TA=25ºC) C L=4.7nF C L=1nF C L=470pF Supply Voltage (V) 0 5 10 15 20 25 30 35 40 0 20 40 60 80 100 120 Fall Time vs. Supply Voltage (V IN=0-5V, f=10kHz, TA=25ºC) C L=4.7nF C L=1nF C L=470pF Temperature (ºC) -40 -20 0 204060 80 100 120 140 4 5 6 7 8 9 10 11 12 Rise & Fall Time vs. Temperature (V IN=0-5V, VCC=18V, CL=1nF) t r t f Load Capacitance (pF) 0 1000 2000 3000 4000 5000 0 20 40 60 80 100 120 Rise Time vs. Load Capacitance V CC=4.5V V CC=8V V CC=12V V CC=18V V CC=25V V CC=30V V CC=35V Load Capacitance (pF) 0 1000 2000 3000 4000 5000 0 20 40 60 80 100 120 Fall Time vs. Load Capacitance V CC=4.5V V CC=8V V CC=12V V CC=18V V CC=25V V CC=30V V CC=35V Supply Voltage (V) 0 5 10 15 20 25 30 35 40 0 50 100 150 200 Propagation Delay vs. Supply Voltage (V IN=0-5V, CL=1nF, f=1kHz) t offdly t ondly Input Voltage (V) 0 5 10 15 20 20 30 40 50 60 70 Propagation Delay vs. Input Voltage (V CC=18V, CL=1nF) t offdly t ondly Temperature (ºC) -40 -20 0 204060 80 100 120 140 20 25 30 35 40 45 50 55 Propagation Delay vs. Temperature (V CC=18V, CL=1nF) t offdly t ondly Temperature (ºC) -40 -20 0 204060 80 100 120 140 1.8 2.0 2.2 2.4 2.6 2.8 Input Threshold vs. Temperature (V CC=18V, CL=1nF) Min V IH Max V IL Supply Voltage (V) 0 5 10 15 20 25 30 35 40 1.0 1.5 2.0 2.5 3.0 3.5 Input Threshold vs. Supply Voltage Min V IH Max V IL |