Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPC1926Y Fiches technique(PDF) 1 Page - Clare, Inc.

No de pièce CPC1926Y
Description  OptoMOS짰 Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARE [Clare, Inc.]
Site Internet  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1926Y Fiches technique(HTML) 1 Page - Clare, Inc.

  CPC1926Y Datasheet HTML 1Page - Clare, Inc. CPC1926Y Datasheet HTML 2Page - Clare, Inc. CPC1926Y Datasheet HTML 3Page - Clare, Inc. CPC1926Y Datasheet HTML 4Page - Clare, Inc. CPC1926Y Datasheet HTML 5Page - Clare, Inc. CPC1926Y Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-CPC1926-R05
1
CPC1926
Single-Pole, Normally Open
OptoMOS® Power SIP Relay
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC1926Y
4-Pin (8-Pin Body) Power SIP Package (25 per tube)
Parameter
Rating
Units
Blocking Voltage
250
V
P
Load Current
0.7
A
DC/A
rms
On-Resistance
1.4
Ω
Applications
Features
Description
Ordering Information
Pin Configuration
Industrial Controls
Motor Control
Robotics
Medical Equipment—Patient/Equipment Isolation
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
IC Equipment
Home Appliances
Handle Load Currents Up to 0.7 A
DC/Arms
2500V
rms Input/Output Isolation
Power SIP Package
High Reliability
No Moving Parts
Low Drive Power Requirements (TTL/CMOS
Compatible)
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Clare and IXYS have combined to bring OptoMOS®
technology, reliability, and compact size to a new
family of high-power, solid state relays. As part of that
family, the CPC1926 is a single-pole, normally open
(1-Form-A) solid state relay. The CPC1926 employs
optically coupled MOSFET technology to provide
2500V
rms of input to output isolation. The efficient
MOSFET switches and photovoltaic die use Clare’s
patented OptoMOS architecture while the output
is controlled by a highly efficient GaAlAs infrared
LED. The combination of low on-resistance and high
load-current handling capabilities makes the relay
suitable for a variety of high-performance switching
applications.
Switching Characteristics
of Normally Open Devices
Approvals
UL 508 Certified Component: File E69938
1
-
2
+
34
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Numéro de pièce similaire - CPC1926Y

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
CPC1926Y IXYS-CPC1926Y Datasheet
457Kb / 5P
Power SIP Relay
logo
Clare, Inc.
CPC1926Y CLARE-CPC1926Y Datasheet
102Kb / 5P
Power SIP Relay
logo
IXYS Corporation
CPC1926Y IXYS-CPC1926Y Datasheet
107Kb / 6P
Arc-Free With No Snubbing Circuits
logo
Littelfuse
CPC1926Y LITTELFUSE-CPC1926Y Datasheet
177Kb / 6P
250V, 0.7Arms/ADC, Single-Pole Normally Open Power SIP Relay
11/18/2025
More results

Description similaire - CPC1926Y

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
CPC1906Y CLARE-CPC1906Y Datasheet
502Kb / 5P
Power SIP Relay
CPC1906 CLARE-CPC1906 Datasheet
102Kb / 5P
Power SIP Relay
CPC1217 CLARE-CPC1217 Datasheet
109Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1218 CLARE-CPC1218 Datasheet
101Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1219 CLARE-CPC1219 Datasheet
112Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1706 CLARE-CPC1706 Datasheet
124Kb / 6P
4-Pin OptoMOS짰 DC Power SIP Relay
CPC1906 CLARE-CPC1906_10 Datasheet
117Kb / 6P
Power SIP OptoMOS짰 Relay
CPC1916 CLARE-CPC1916_10 Datasheet
116Kb / 6P
OptoMOS짰 Power SIP Relay
CPC1981 CLARE-CPC1981_11 Datasheet
110Kb / 6P
OptoMOS짰 Power SIP Relay
CPC1983 CLARE-CPC1983 Datasheet
114Kb / 6P
OptoMOS짰 Power SIP Relay
More results


Html Pages

1 2 3 4 5 6