| Moteur de recherche de fiches techniques de composants électroniques |
|
XL1225-X-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
XL1225-X-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO.,LTD. XL/ML1225 SCR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co.,LTD. QW-R301-003.F MEDIUM POWER LOW VOLTAGE TRANSISTOR DESCRIPTION The XL1225/ML1225 silicon controlled rectifiers are high performance planner diffused PNPN devices. These parts are intended for low cost high volume applications. ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Halogen Free Package 1 2 3 Packing XL1225-x-AE3-R XL1225L-x-AE3-R XL1225G-x-AE3-R SOT-23 G K A Tape Reel XL1225-x-T92-B XL1225L-x-T92-B XL1225G-x-T92-B TO-92 K G A Tape Box XL1225-x-T92-K XL1225L-x-T92-K XL1225G-x-T92-K TO-92 K G A Bulk XL1225-x-T92-R XL1225L-x-T92-R XL1225G-x-T92-R TO-92 K G A Tape Reel ML1225-x-AE3-R ML1225L-x-AE3-R ML1225G-x-AE3-R SOT-23 G K A Tape Reel ML1225-x-T92-B ML1225L-x-T92-B ML1225G-x-T92-B TO-92 K G A Tape Box ML1225-x-T92-K ML1225L-x-T92-K ML1225G-x-T92-K TO-92 K G A Bulk ML1225-x-T92-R ML1225L-x-T92-R ML1225G-x-T92-R TO-92 K G A Tape Reel Note: G: Gate, K:Cathode, A: Anode MARKING X25X L: Lead Plating G: Halogen Free (SOT-23) |
Numéro de pièce similaire - XL1225-X-AE3-R |
|
Description similaire - XL1225-X-AE3-R |