| Moteur de recherche de fiches techniques de composants électroniques |
|
DTC123JL-AL3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC123JL-AL3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC123J NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R206-076.E NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS) FEATURES * Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). * The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. * Only the on/off conditions need to be set for operation, making device design easy. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTC123JL-AE3-R DTC123JG-AE3-R SOT-23 G I O Tape Reel DTC123JL-AL3-R DTC123JG-AL3-R SOT-323 G I O Tape Reel DTC123JL-AN3-R DTC123JG-AN3-R SOT-523 G I O Tape Reel DTC123JL-T92-B DTC123JG-T92-B TO-92 G O I Tape Box DTC123JL-T92-K DTC123JG-T92-K TO-92 G O I Bulk DTC123JL-T92-R DTC123JG-T92-R TO-92 G O I Tape Reel DTC123JL-T9S-K DTC123JG-T9S-K TO-92SP G O I Bulk MARKING (FOR SOT-23/SOT-323/SOR-523 PACKAGE) CC3J J: Lead Free J: Halogen Free |
Numéro de pièce similaire - DTC123JL-AL3-R |
|
Description similaire - DTC123JL-AL3-R |