| Moteur de recherche de fiches techniques de composants électroniques |
|
DTC115EG-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC115EG-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 2 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC115E NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 2 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-055,Ca NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTC115EL-AE3-R DTC115EG-AE3-R SOT-23 G I O Tape Reel DTC115EL-AL3-R DTC115EG-AL3-R SOT-323 G I O Tape Reel DTC115EL-AN3-R DTC115EG-AN3-R SOT-523 G I O Tape Reel MARKING INFORMATION |
Numéro de pièce similaire - DTC115EG-AE3-R |
|
Description similaire - DTC115EG-AE3-R |