| Moteur de recherche de fiches techniques de composants électroniques |
|
DTC113TL-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC113TL-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC113T NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R223-001.B NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTC113TL-AE3-R DTC113TG-AE3-R SOT-23 E B C Tape Reel DTC113TL-AL3-R DTC113TG-AL3-R SOT-323 E B C Tape Reel DTC113TL-AN3-R DTC113TG-AN3-R SOT-523 E B C Tape Reel MARKING |
Numéro de pièce similaire - DTC113TL-AE3-R |
|
Description similaire - DTC113TL-AE3-R |