| Moteur de recherche de fiches techniques de composants électroniques |
|
DTB143EL-AL3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTB143EL-AL3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTB143E PNP DIGITAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R206-049.E PNP DIGITAL TRANSISTOR BUILT-IN RESISTORS FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT SOT-323 1 2 3 SOT-23 1 2 3 TO-92 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTB143EL-AE3-R DTB143EG-AE3-R SOT-23 G I O Tape Reel DTB143EL-AL3-R DTB143EG-AL3-R SOT-323 G I O Tape Reel DTB143EL-T92-B DTB143EG-T92-B TO-92 G O I Tape Box DTB143EL-T92-K DTB143EG-T92-K TO-92 G O I Bulk DTB143EL-T92-R DTB143EG-T92-R TO-92 G O I Tape Reel MARKING(FOR SOT-23/SOT-323 PACKAGE) BE3E E: Lead Free E: Halogen Free |
Numéro de pièce similaire - DTB143EL-AL3-R |
|
Description similaire - DTB143EL-AL3-R |