| Moteur de recherche de fiches techniques de composants électroniques |
|
DTB123YL-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTB123YL-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTB123Y PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R220-019,B DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing DTB123YL-AE3-R DTB123YG-AE3-R SOT-23 G I O Tape Reel DTB123YL-AL3-R DTB123YG-AL3-R SOT-323 G I O Tape Reel MARKING |
Numéro de pièce similaire - DTB123YL-AE3-R |
|
Description similaire - DTB123YL-AE3-R |