| Moteur de recherche de fiches techniques de composants électroniques |
|
DTB114EG-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTB114EG-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTB114E PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-042,D DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTB114EL-AE3-R DTB114EG-AE3-R SOT-23 G I O Tape Reel DTB114EL-AL3-R DTB114EG-AL3-R SOT-323 G I O Tape Reel MARKING |
Numéro de pièce similaire - DTB114EG-AE3-R |
|
Description similaire - DTB114EG-AE3-R |