| Moteur de recherche de fiches techniques de composants électroniques |
|
UTD3055G-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UTD3055G-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UTD3055 Preliminary Power MOSFET www.unisonic.com.tw 1 of 4 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R502-460.a POWER MOSFET 12 AMPS, 60 VOLTS N–CHANNEL DPAK DESCRIPTION The UTC UTD3055 is an N-channel Power MOSFET, and it can withstand high energy in the avalanche and commutation modes. The UTC UTD3055 is needed for applications, such as power supplies, converters and power motor controls which require low voltage and high speed switching. These devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients. FEATURES * IDSS and VDS(on) Specified At Elevated Temperature * Avalanche Energy Specified SYMBOL Gate Drain Source ORDERING INFORMATION Pin Assignment Ordering Number Package 1 2 3 Packing UTD3055G-TN3-R TO-252 G D S Tape Reel Note: D; Drain, G: Gate, S: Source |
Numéro de pièce similaire - UTD3055G-TN3-R |
|
Description similaire - UTD3055G-TN3-R |