| Moteur de recherche de fiches techniques de composants électroniques |
|
DTA143XG-AL3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA143XG-AL3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTA143X PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-078.E PNP DIGITAL TRANSISTOR FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT R1 R2 IN OUT GND(+) IN OUT GND(+) ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTA143XL-AE3-R DTA143XG-AE3-R SOT-23 G I O Tape Reel DTA143XL-AL3-R DTA143XG-AL3-R SOT-323 G I O Tape Reel DTA143XL-AN3-R DTA143XG-AN3-R SOT-523 G I O Tape Reel DTA143XL-T92-B DTA143XG-T92-B TO-92 G O I Tape Box DTA143XL-T92-K DTA143XG-T92-K TO-92 G O I Bulk DTA143XL-T92-R DTA143XG-T92-R TO-92 G O I Tape Reel DTA143XL-T9S-K DTA143XG-T9S-K TO-92SP G O I Bulk MARKING (FOR SOT-23/SOT-323/SOR-523 PACKAGE) AE3X X: Lead Free X: Halogen Free |
Numéro de pièce similaire - DTA143XG-AL3-R |
|
Description similaire - DTA143XG-AL3-R |