| Moteur de recherche de fiches techniques de composants électroniques |
|
DTA143ZL-AN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA143ZL-AN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTA143Z PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-072,E DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. SOT-23 (JEDEC TO-236) 3 2 1 SOT-323 3 2 1 SOT-523 3 2 1 TO-92 1 TO-92SP 1 EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTA143ZL-AE3-R DTA143ZG-AE3-R SOT-23 G I O Tape Reel DTA143ZL-AL3-R DTA143ZG-AL3-R SOT-323 G I O Tape Reel DTA143ZL-AN3-R DTA143ZG-AN3-R SOT-523 G I O Tape Reel DTA143ZL-T92-B DTA143ZG-T92-B TO-92 G O I Tape Box DTA143ZL-T92-K DTA143ZG-T92-K TO-92 G O I Bulk DTA143ZL-T92-R DTA143ZG-T92-R TO-92 G O I Tape Reel DTA143ZL-T9S-K DTA143ZG-T9S-K TO-92SP G O I Bulk MARKING (FOR SOT-23/SOT-323/SOR-523 PACKAGE) |
Numéro de pièce similaire - DTA143ZL-AN3-R |
|
Description similaire - DTA143ZL-AN3-R |