| Moteur de recherche de fiches techniques de composants électroniques |
|
DTA143EG-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA143EG-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTA143E PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-057,E DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTA143EL-AE3-R DTA143EG-AE3-R SOT-23 G I O Tape Reel DTA143EL-AL3-R DTA143EG-AL3-R SOT-323 G I O Tape Reel DTA143EL-AN3-R DTA143EG-AN3-R SOT-523 G I O Tape Reel DTA143EL-T92-B DTA143EG-T92-B TO-92 G O I Tape Box DTA143EL-T92-K DTA143EG-T92-K TO-92 G O I Bulk DTA143EL-T92-R DTA143EG-T92-R TO-92 G O I Tape Reel Note: Pin Assignment: G: GND, O: Out, I: In MARKING(For SOT Package) |
Numéro de pièce similaire - DTA143EG-AE3-R |
|
Description similaire - DTA143EG-AE3-R |