| Moteur de recherche de fiches techniques de composants électroniques |
|
UT9435-AB3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT9435-AB3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT9435 Power MOSFET www.unisonic.com.tw 1 of 4 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R502-155.C P-CHANNEL ENHANCEMENT MODE DESCRIPTION The UT9435 is P-Channel Power MOSFET, designed with high density cell with fast switching speed, ultra low on-resistance, and excellent thermal and electrical capabilities. Used in commercial and industrial surface mount applications and suited for low voltage applications such as DC/DC converters. SYMBOL 1.Gate 3.Source 2.Drain Lead-free: UT9435L Halogen-free: UT9435G ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Plating Halogen Free Package 1 2 3 4 5 6 7 8 Packing UT9435-AB3-R UT9435L-AB3-R UT9435G-AB3-R SOT-89 G D S - - - - - Tape Reel UT9435-TN3-R UT9435L-TN3-R UT9435G-TN3-R TO-252 G D S - - - - - Tape Reel UT9435-S08-R UT9435L-S08-R UT9435G-S08-R SOP-8 SSS GD D D D Tape Reel |
Numéro de pièce similaire - UT9435-AB3-R |
|
Description similaire - UT9435-AB3-R |