| Moteur de recherche de fiches techniques de composants électroniques |
|
UT2804 Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT2804 Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT2804 Preliminary Power MOSFET www.unisonic.com.tw 1 of 3 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R502-418.a N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR DESCRIPTION The UTC UT2804 uses advanced technology to provide fast switching speed, ruggedized device design, low on-resistance and cost-effectiveness. The UTC UT2804 is suitable for low-profile applications with through-hole version and low voltage applications such as DC/DC converters. FEATURES * Low On-Resistance * Simple Drive Requirement * Fast Switching Speed SYMBOL G (1) D (2) S (3) ORDERING INFORMATION Ordering Number Package Pin Assignment Lead Free Halogen Free 1 2 3 Packing UT2804G-TN3-R UT2804L-TN3-R TO-252 G D S Tape Reel Note: G: Gate, D: Drain, S: Source |
Numéro de pièce similaire - UT2804 |
|
Description similaire - UT2804 |