| Moteur de recherche de fiches techniques de composants électroniques |
|
UT2306L-AE2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT2306L-AE2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT2306 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R502-130.D N-CHANNEL ENHANCEMENT MODE DESCRIPTION The UTC UT2306 is N-channel power MOSFET, designed with high density cell, with fast switching speed, ultra low on-resistance and excellent thermal and electrical capabilities. Used in commercial and industrial surface mount applications and suited for low voltage applications such as DC/DC converters. SYMBOL 2.Gate 1.Source 3.Drain ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 UT2306L-AE2-R UT2306G-AE2-R SOT-23-3 S G D Tape Reel UT2306L-AE3-R UT2306G-AE3-R SOT-23 S G D Tape Reel MARKING 23F L: Lead Free G: Halogen Free |
Numéro de pièce similaire - UT2306L-AE2-R |
|
Description similaire - UT2306L-AE2-R |