| Moteur de recherche de fiches techniques de composants électroniques |
|
UT2305AG-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT2305AG-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT2305A Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R502-192.C P-CHANNEL ENHANCEMENT MODE DESCRIPTION The UTC UT2305A is P-channel enhancement mode Power MOSFET, designed in serried ranks. With fast switching speed, low on-resistance, favorable stabilization. Used in commercial and industrial surface mount applications and suited for low voltage applications such as DC/DC converters. SYMBOL 2.Gate 1.Source 3.Drain ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing UT2305AL-AE3-R UT2305AG-AE3-R SOT-23 S G D Tape Reel MARKING B3E L: Lead Free G: Halogen Free |
Numéro de pièce similaire - UT2305AG-AE3-R |
|
Description similaire - UT2305AG-AE3-R |