| Moteur de recherche de fiches techniques de composants électroniques |
|
UT2304G-AE2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT2304G-AE2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT2304 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R502-150.D N-CHANNEL ENHANCEMENT MODE DESCRIPTION The UT2304 is an N-Channel Power MOSFET that can achieve the lowest possible on-resistance, extremely and cost- effectiveness device by using advanced trench technology. SYMBOL 2.Gate 1.Source 3.Drain ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing UT2304L-AE2-R UT2304G-AE2-R SOT-23-3 S G D Tape Reel UT2304L-AE3-R UT2304G-AE3-R SOT-23 S G D Tape Reel MARKING 23D L: Lead Free G: Halogen Free |
Numéro de pièce similaire - UT2304G-AE2-R |
|
Description similaire - UT2304G-AE2-R |