| Moteur de recherche de fiches techniques de composants électroniques |
|
UT2301L-AE3-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT2301L-AE3-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 4 page ![]() UT2301 Power MOSFET UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R502-118.G ABSOLUTE MAXIMUM RATINGS (Ta = 25°C, unless otherwise specified) PARAMETER SYMBOL RATING UNITS Drain-Source Voltage VDSS -20 V Gate-Source Voltage VGSS ±8 V Continuous Drain Current ID -2.8 A Pulsed Drain Current (Note 1, 2) IDM -10 A Total Power Dissipation PD 1.14 W Junction Temperature TJ +150 °C Storage Temperature TSTG -55 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL MIN TYP MAX UNIT Junction to Ambient (Note 3) θJA 110 °C/W ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNITS OFF CHARACTERISTICS Drain-Source Breakdown Voltage BVDSS VGS=0V, ID=-250uA -20 V Drain-Source Leakage Current IDSS VDS=-16V, VGS=0V -1 µA Gate-Source Leakage Current IGSS VGS=±8V, VDS=0V ±100 nA ON CHARACTERISTICS Gate Threshold Voltage VGS(TH) VDS=VGS, ID=-250uA -0.45 V Static Drain-Source On-State Resistance (Note 2) RDS(ON) VGS=-4.5V, ID=-2.8A 95 130 mΩ VGS=-2.5V, ID=-2.0A 122 190 mΩ DYNAMIC CHARACTERISTICS Input Capacitance CISS VGS=0V, VDS=-6V, f=1.0MHz 447 pF Output Capacitance COSS 127 pF Reverse Transfer Capacitance CRSS 80 pF SWITCHING CHARACTERISTICS Turn-ON Delay Time (Note 2) tD(ON) VDS=-6V, VGS=-4.5V, ID=-1A, RG=6Ω, RL=6Ω 5 25 ns Turn-ON Rise Time tR 19 60 ns Turn-OFF Delay Time tD(OFF) 95 110 ns Turn-OFF Fall Time tF 65 80 ns Total Gate Charge (Note 2) QG VDS=-6V, VGS=-4.5V, ID=-2.8A 5.4 10 nC Gate-Source Charge QGS 0.8 nC Gate-Drain Charge QGD 1.1 nC SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS Drain-Source Diode Forward Voltage (Note 2) VSD VGS=0V, IS=-1.6A -0.8 -1.2 V Maximum Continuous Drain-Source Diode Forward Current IS -1.6 A Notes: 1. Pulse width limited by TJ(MAX) 2. Pulse width ≤300µs, duty cycle ≤2%. 3. Surface mounted on 1 in 2 copper pad of FR4 board |