| Moteur de recherche de fiches techniques de composants électroniques |
|
UT136FGL-5-TF3-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT136FGL-5-TF3-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 6 page ![]() UT136FF/FG TRIAC UNISONICTECHNOLOGIESCO.,LTD 3 of 6 www.unisonic.com.tw QW-R401-018,D DYNAMIC CHARACTERISTICS (TJ=25℃, unless otherwise specified) MIN PARAMETER SYMBOL TEST CONDITIONS UT136FF UT136FG TYP MAX UNIT Critical Rate of Rise of Off-State Voltage dVD/dt VDM = 67% VDRM(MAX),TJ=125°C, exponential waveform, gate open circuit 50 200 250 V/µs Critical Rate of Change of Commutating Voltage dVCOM/dt VDM=400V, TJ=95°C,IT(RMS)=4A, dICOM /dt=1.8A/ms ,gate open circuit 10 50 V/µs Gate Controlled Turn-On Time tGT ITM =6A,VD= VDRM(MAX), IG=0.1A,dIG/dt=5A/μs 2 µs |