| Moteur de recherche de fiches techniques de composants électroniques |
|
UT131 Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT131 Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT131 TRIAC www.unisonic.com.tw 1 of 5 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R401-006.F TRIACS LOGIC LEVEL DESCRIPTION Passivated, sensitive gate triaces in a plastic envelope, intended for use in general purpose bidirectional switching and phase control applications. These devices are intended to be interfaced directly to microcontrollers. Logic integrated circuits and other low power gate trigger circuits. SYMBOL MT2 MT1 G TO-92 1 SOT-223 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 UT131L-x-T92-B UT131L-x-T92-B TO-92 MT1 GATE MT2 Tape Box UT131L-x-T92-K UT131L-x-T92-K TO-92 MT1 GATE MT2 Bulk UT131L-x-T92-R UT131L-x-T92-R TO-92 MT1 GATE MT2 Tape Reel UT131L-x-AA3-R UT131G-x-AA3-R SOT-223 MT1 MT2 GATE Tape Reel |
Numéro de pièce similaire - UT131 |
|
Description similaire - UT131 |