| Moteur de recherche de fiches techniques de composants électroniques |
|
UT60T03-TF3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT60T03-TF3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT60T03 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R502-183.B N-CHANNEL ENHANCEMENT MODE DESCRIPTION The UT60T03 can provide excellent RDS(ON) and low gate charge by using UTC’s advanced trench technology. FEATURES * Very simple drive requirement * Very low gate charge * Fast switching SYMBOL 1.Gate 3.Source 2.Drain ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing UT60T03-TF3-R UT60T03L-TF3-R TO-220F G D S Tube UT60T03-TN3-R UT60T03L-TN3-R TO-252 G D S Tape Reel UT60T03-TN3-T UT60T03L-TN3-T TO-252 G D S Tube |
Numéro de pièce similaire - UT60T03-TF3-R |
|
Description similaire - UT60T03-TF3-R |