| Moteur de recherche de fiches techniques de composants électroniques |
|
UM608G-S08-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UM608G-S08-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UM608 Preliminary LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 4 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R105-043.a CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS DESCRIPTION The UTC UM608 is a highly integrated solution for a constant voltage/constant current mode SMPS application. The UTC UM608 contains one 2.5V voltage reference, one operational amplifier for voltage control loop, one operational amplifier for current control loop and two operational amplifiers for charge status. It is suitable for battery charger and other battery systems. FEATURES * Constant Voltage and Constant Current Control * Precision Internal Voltage Reference * Few External Components * Easy Compensation * Charge status output for LED * build-in overvoltage protection for battery ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free UM608L-S08-R UM608G-S08-R SOP-8 Tape Reel UM608L-S08-T UM608G-S08-T SOP-8 Tube Note: xx: Output Voltage, refer to Marking Information. (1) R: Tape Reel, T: Tube (2) S08: SOP-8 (3) G: Halogen Free, L: Lead Free UM608L-S08-R (1)Packing Type (2)Package Type (3)Lead Free |
Numéro de pièce similaire - UM608G-S08-R |
|
Description similaire - UM608G-S08-R |