| Moteur de recherche de fiches techniques de composants électroniques |
|
UG9KG-AL6-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UG9KG-AL6-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UG9K DUAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R218-008.B COMPOUND TRANSISTORS UG9K DESCRIPTION As a compound transistor with resistor, the UTC UG9K is for switching application. FEATURES * Silicon epitaxial type * The internal tow transistor elements are independent. SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 4 5 6 UG9KL-AL6-R UG9KG-AL6-R SOT-363 E1 B1 C2 E2 B2 C1 Tape Reel (1) R: Tape Reel (2) AL6: SOT-363 (3) G: Halogen Free, L: Lead Free UG9KL-AL6-R (1)Packing Type (2)Package Type (3)Lead Free MARKING |
Numéro de pièce similaire - UG9KG-AL6-R |
|
Description similaire - UG9KG-AL6-R |