| Moteur de recherche de fiches techniques de composants électroniques |
|
UG8J-AL5-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UG8J-AL5-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UG8J NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R222-002,A EMITTER COMMON (DUAL DIGITAL TRANSISTORS) FEATURES * Two DTC143Z chips in a SOT-353 package. * Mounting cost and area can be cut in half. STRUCTURE * Epitaxial planar type * NPN silicon transistor (Built-in resistor type) SOT-353 4 5 3 2 1 *Pb-free plating product number: UG8JL ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 4 5 Packing UG8J-AL5-R UG8J-AL5-R SOT-353 B1 E1,E2 B2 C2 C1 Tape Reel UG8JL-AL5-R (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel (2) AL5: SOT-353 (3) L: Lead Free Plating, Blank: Pb/Sn MARKING INFORMATION UG8J Lead Plating |
Numéro de pièce similaire - UG8J-AL5-R |
|
Description similaire - UG8J-AL5-R |