Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UD4606L-S08-R Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce UD4606L-S08-R
Description  DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4606L-S08-R Fiches technique(HTML) 1 Page - Unisonic Technologies

  UD4606L-S08-R Datasheet HTML 1Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 2Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 3Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 4Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 5Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 6Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 7Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 8Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD4606
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-144.C
DUAL ENHANCEMENT MODE
(N-CHANNEL/P-CHANNEL)
DESCRIPTION
The UTC UD4606 provides excellent RDS(ON) and low gate
charge by using advanced trench technology MOSFETs. The
complementary MOSFETs may be help to form a level shifted high
side switch and also for lots of other applications.
FEATURES
*N-Channel: 30V/6.9A
RDS(ON) = 22.5 mΩ (typ.) @VGS =10V
RDS(ON) = 34.5 mΩ (typ.) @VGS=4.5V
*P-Channel: -30V/-6A
RDS(ON) = 28 mΩ (typ.) @VGS= -10V
RDS(ON) = 44 mΩ (typ.) @VGS= -4.5V
*Reliable and rugged
SYMBOL
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free Plating
Halogen Free
Package
12
34
5
6
7
8
Packing
UD4606L-D08-T
UD4606G-D08-T
DIP-8
S1 G1 S2 G2 D2 D2 D1 D1
Tube
UD4606L-S08-R
UD4606G-S08-R
SOP-8
S1 G1 S2 G2 D2 D2 D1 D1 Tape Reel


Numéro de pièce similaire - UD4606L-S08-R

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UD4606L-S08-R UTC-UD4606L-S08-R Datasheet
320Kb / 9P
DUAL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
UD4606L-S08-R VBSEMI-UD4606L-S08-R Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
More results

Description similaire - UD4606L-S08-R

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UD606 UTC-UD606 Datasheet
388Kb / 9P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4614 UTC-UD4614 Datasheet
291Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT5003 UTC-UT5003 Datasheet
299Kb / 8P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT5003Z UTC-UT5003Z Datasheet
311Kb / 8P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTM4052 UTC-UTM4052 Datasheet
440Kb / 9P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4606Z UTC-UD4606Z Datasheet
163Kb / 6P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTT6NP10 UTC-UTT6NP10 Datasheet
259Kb / 7P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTT10NP06 UTC-UTT10NP06 Datasheet
245Kb / 7P
DUAL ENHANCEMENT MODE (N-CHANNEL/ P-CHANNEL)
logo
Stanson Technology
STC6602 STANSON-STC6602 Datasheet
873Kb / 8P
Dual N&P Channel Enhancement Mode MOSFET
logo
Microchip Technology
TC2320 MICROCHIP-TC2320 Datasheet
531Kb / 12P
N-Channel and P-Channel Enhancement-Mode Dual MOSFET
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9