| Moteur de recherche de fiches techniques de composants électroniques |
|
BAV199L-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAV199L-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 2 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAV199 Preliminary DIODE www.unisonic.com.tw 1 of 2 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R601-037.a DUAL SURFACE MOUNT LOW LEAKAGE DIODE DESCRIPTION The UTC BAV199 is a dual surface mount diode providing the designers with extremely low leakage current. The UTC BAV199 is suitable for automatic insertion FEATURES * Extremely Low Leakage Current SOT-23 1 2 3 ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing BAV199L-AE3-R BAV199G-AE3-R SOT-23 K1 A2 A1K2 Tape Reel Note: Pin Assignment: A: Anode K: Cathode MARKING |
Numéro de pièce similaire - BAV199L-AE3-R |
|
Description similaire - BAV199L-AE3-R |