| Moteur de recherche de fiches techniques de composants électroniques |
|
BAT54SWG-AL3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAT54SWG-AL3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAT54SW DIODE www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R601-054.A SCHOTTKY BARRIER (DUAL) DIODES DESCRIPTION Planar Schottky barrier diodes are encapsulated in the SOT-323 small plastic SMD package. Single diodes and dual diodes with different pin configuration are available. FEATURES * Low forward voltage * Guard ring protected * Small plastic SMD package SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 BAT54SWL-AL3-R BAT54SWG-AL3-R SOT-323 K1 A2 K2A1 Tape Reel Note: Pin Assignment: A: Anode K: Cathode MARKING E44 L: Lead Free G: Halogen Free |
Numéro de pièce similaire - BAT54SWG-AL3-R |
|
Description similaire - BAT54SWG-AL3-R |