| Moteur de recherche de fiches techniques de composants électroniques |
|
78R33G-TF4-R Fiches technique(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
78R33G-TF4-R Fiches technique(HTML) 5 Page - Unisonic Technologies |
|
5 / 12 page ![]() 78RXX LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 12 www.unisonic.com.tw QW-R102-035.F ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified. ) PARAMETER SYMBOL RATINGS UNITS Input Voltage VIN 35 V Disable Voltage VDIS 35 V Output Current IOUT 1.0 A TO-220B/TO-220F-4 1.5 W Power Dissipation TO-252-5 PD 1 W Junction Temperature TJ +150 °C Operating Temperature TOPR -40 ~ +85 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL RATING UNIT TO-220B/TO-220F-4 62.5 °C/W Junction to Ambient TO-252-5 θJA 110 °C/W TO-220B/TO-220F-4 4 °C/W Junction to Case TO-252-5 θJC 12 °C/W ELECTRICAL CHARACTERISTICS (IOUT =0.5A, TA = 25°C,unless otherwise specified) For 78R33 (VIN=5V) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Output Voltage VOUT VIN = 5V 3.22 3.3 3.38 V Dropout Voltage VD IOUT = 1A 0.5 V Load Regulation ΔVOUT 5mA < IOUT < 1A 0.1 2.0 % Line Regulation ΔVOUT 4V < VIN < 10V 0.5 2.5 % Quiescent Current IQ IOUT = 0 A 10 mA Ripple Rejection RR (Note) 45 55 dB High VDISH Output Active 2.0 V Disable Voltage Low VDISL Output Disabled 0.8 V High IDISH VDIS = 2.7V 0.02 mA Disable Bias Current Low IDISL VDIS = 0.4V -0.4 mA For 78R05 (VIN=7V) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Output Voltage VOUT VIN = 7V 4.88 5 5.12 V Dropout Voltage VD IOUT = 1A 0.5 V Load Regulation ΔVOUT 5mA < IOUT < 1A 0.1 2.0 % Line Regulation ΔVOUT 6V < VIN < 12V 0.5 2.5 % Quiescent Current IQ IOUT = 0 A 10 mA Ripple Rejection RR (Note) 45 55 dB High VDISH Output Active 2.0 V Disable Voltage Low VDISL Output Disabled 0.8 V High IDISH VDIS = 2.7V 0.02 mA Disable Bias Current Low IDISL VDIS = 0.4V -0.4 mA |