Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

82XXL-X-AF5-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce 82XXL-X-AF5-R
Description  MONOLITHIC IC 82XX SERIES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82XXL-X-AF5-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  82XXL-X-AF5-R Datasheet HTML 1Page - Unisonic Technologies 82XXL-X-AF5-R Datasheet HTML 2Page - Unisonic Technologies 82XXL-X-AF5-R Datasheet HTML 3Page - Unisonic Technologies 82XXL-X-AF5-R Datasheet HTML 4Page - Unisonic Technologies 82XXL-X-AF5-R Datasheet HTML 5Page - Unisonic Technologies 82XXL-X-AF5-R Datasheet HTML 6Page - Unisonic Technologies 82XXL-X-AF5-R Datasheet HTML 7Page - Unisonic Technologies 82XXL-X-AF5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
82XX
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-326.e
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
25:2.5V
27:2.7V
2K:2.93V
3
2
1
XXXX
5
4
Voltage Code
L: Lead Free
G: Halogen Free
Delay Time
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VOUT
Output pin
2
NC
Connected nothing
3
RESET
Reset control pin
4
VCC
Supply voltage
5
GND
Ground



Html Pages

1 2 3 4 5 6 7 8