| Moteur de recherche de fiches techniques de composants électroniques |
|
TF202L-X-AC3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TF202L-X-AC3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD TF202 N-CHANNEL JFET www.unisonic.com.tw 1 of 4 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R210-001.F N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS DESCRIPTION The UTC TF202 uses advanced trench technology to provide excellent RDS (ON), low gate charge and operation with low gate voltages. This device is suitable for use in capacitor microphone applications. FEATURES *Suited for use in audio, telephone capacitor microphones. *Good voltage characteristic. *Good transient characteristic. ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing TF202L-x-AC3-R TF202G-x-AC3-R SOT-113 S D G Tape Reel TF202L-x-AE3-R TF202G-x-AE3-R SOT-23 S D G Tape Reel TF202L-x-AN3-R TF202G-x-AN3-R SOT-523 S D G Tape Reel MARKING TF202-E4 TF202-E5 |
Numéro de pièce similaire - TF202L-X-AC3-R |
|
Description similaire - TF202L-X-AC3-R |