Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SK24L-SMA-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce SK24L-SMA-R
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK24L-SMA-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  SK24L-SMA-R Datasheet HTML 1Page - Unisonic Technologies SK24L-SMA-R Datasheet HTML 2Page - Unisonic Technologies SK24L-SMA-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SK24
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-041.D
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Repetitive Reverse Voltage
VRRM
40
V
Working Peak Reverse Voltage
VRWM
V
DC Blocking Voltage
VR
V
RMS Reverse Voltage
VR(RMS)
28
V
Operating Temperature
TJ
+125
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 1)
θJA
75
°C/W
Note: 1. Mounted on P.C. Board with 5.0mm
2 copper pad area.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Average Rectified Output Current (TL=75°C)
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed On Rated Load
(JEDEC Method)
IFSM
50
A
Forward Voltage (IF=2.0A)
VFM
0.50
V
Peak Reverse Current At Rated DC
Blocking Voltage
TA=25°C
IRM
0.5
mA
TA=100°C
20
mA



Html Pages

1 2 3