| Moteur de recherche de fiches techniques de composants électroniques |
|
PN2907AG-AB3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
PN2907AG-AB3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 6 page ![]() UNISONIC TECHNOLOGIES CO., LTD PN2907A PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 6 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R201-041.D PNP GENERAL PURPOSE AMPLIFIER DESCRIPTION This UTC PN2907A is designed for use as a general purpose amplifier and switch requiring collector currents to 500 mA. ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Plating Halogen Free Package 12 3 Packing PN2907A-AB3-R PN2907AL-AB3-R PN2907AG-AB3-R SOT-89 BC E Tape Reel PN2907A-T92-B PN2907AL-T92-B PN2907AG-T92-B TO-92 EB C Tape Box PN2907A-T92-K PN2907AL-T92-K PN2907AG-T92-K TO-92 EB C Bulk |
Numéro de pièce similaire - PN2907AG-AB3-R |
|
Description similaire - PN2907AG-AB3-R |