| Moteur de recherche de fiches techniques de composants électroniques |
|
PN2222A-AB3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
PN2222A-AB3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 6 page ![]() UNISONIC TECHNOLOGIES CO., LTD PN2222A NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 6 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R208-022.D NPN GENERAL PURPOSE AMPLIFIER FEATURES * This device is for use as a medium power amplifier and switch requiring collector currents up to 500mA. ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Plating Halogen Free Package 12 3 Packing PN2222A-AB3-R PN2222AL-AB3-R PN2222AG-AB3-R SOT-89 B C E Tape Reel PN2222A-T92-B PN2222AL-T92-B PN2222AG-T92-B TO-92 E B C Tape Box PN2222A-T92-K PN2222AL-T92-K PN2222AG-T92-K TO-92 E B C Bulk |
Numéro de pièce similaire - PN2222A-AB3-R |
|
Description similaire - PN2222A-AB3-R |