Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PA3312L-N24-R Fiches technique(PDF) 6 Page - Unisonic Technologies

No de pièce PA3312L-N24-R
Description  DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3312L-N24-R Fiches technique(HTML) 6 Page - Unisonic Technologies

Back Button PA3312L-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3312L-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3312L-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3312L-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3312L-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3312L-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3312L-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3312L-N24-R Datasheet HTML 9Page - Unisonic Technologies PA3312L-N24-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PA3312
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R107-055.A
TYPICAL APPLICATION CIRCUIT(Cont.)
R
MUX
Volume
Control
PC-
Beep
RHPIN
RLINEIN
RIN
PC-BEEP
ROUT+
ROUT-
Volume
Control
L
MUX
SE/BEL
HP/LINE
LHPIN
LLINEIN
LIN
Volume
Control
Gain/
MUX
Control
Depop
Circuitry
GAIN0
GAIN1
Volume
Control
100KΩ
100KΩ
COUTR
330µF
1KΩ
Power
Manag
ement
CLUTL
330µF
CSR
0.1µF
VDD
VDD
CSR
0.1µF
See Note A
To System
Control
1, 12,
13, 24
22
11
19
18
4
LOUT+
LOUT- 9
GND
SHUT
DOWN
BYPASS
VDD
PVDD
16
21
VDD
1KΩ
CBYP
0.47µF
10
5
6
15
17
2, 3
14
8
23
20
CIRHP
0.47µF
A. A 0.1-µF ceramic capacitor should be placed as close as possible to the IC. For filtering lower frequency noise
signals, a larger electrolytic capacitor of 10 µF or greater should be placed near the audio power amplifier.
CIRIN-
0.47µF
CRIN+
0.47µF
CPCB
0.47µF
CILHP
0.47µF
CILIN-
0.47µF
CLIN
0.47µF
Left
Positive
Differential
Input Signal
Right
Positive
Differential
Input Signal
Left
Negative
Differential
Input Signal
Right
Negative
Differential
Input Signal
PC-BEEP
Input
Signal
Typical PA3312 Application Circuit Using Differential Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10