| Moteur de recherche de fiches techniques de composants électroniques |
|
15N06L-S08-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
15N06L-S08-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 6 page ![]() 15N06 Power MOSFET UNISONICTECHNOLOGIESCO.,LTD 3 of 6 www.unisonic.com.tw QW-R502-260.D ELECTRICAL CHARACTERISTICS PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT SWITCHING PARAMETERS Total Gate Charge QG VDD=40V, VGS=5V, ID=15A 18 30 nC Gate Source Charge QGS 8 Gate Drain Charge QGD 9 Turn-ON Delay Time tD(ON) VGS=5V, VDD=30V, RG=4.7Ω, ID=7.5A 15 60 ns Turn-ON Rise Time tR 160 200 Turn-OFF Delay Time tD(OFF) VGS=10V, VDD=48V, RG=47Ω ID=15A 52 80 ns Turn-OFF Fall-Time tF 100 140 SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS Diode Forward Voltage VSD ISD=15 A,VGS=0V(Note 1) 1.5 V Source-Drain Current ISD 15 A Source-Drain Current (Pulse) ISDM (Note 2) 60 A Note: 1. Pulse width=300μs, duty cycle=1.5% Note: 2. Pulse width limited by safe operating area |