| Moteur de recherche de fiches techniques de composants électroniques |
|
10NN15L-S08-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
10NN15L-S08-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD 10NN15 Preliminary Power MOSFET www.unisonic.com.tw 1 of 4 Copyright © 2011Unisonic Technologies Co., Ltd QW-R502-565.b DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET DESCRIPTION The UTC 10NN15 is a Dual N-channel enhancement mode power MOSFET using UTC’s perfect technology to provide customers with fast switching, ruggedized device design, low on-resistance and cost-effectiveness. FEATURES * High switching speed * Low Gate Charge * Simple Drive Requirement SYMBOL SOP-8 ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 4 5, 6 7, 8 Packing 10NN15L-S08-R 10NN15G-S08-R SOP-8 S1 G1 S2 G2 D2 D1 Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source |
Numéro de pièce similaire - 10NN15L-S08-R |
|
Description similaire - 10NN15L-S08-R |