| Moteur de recherche de fiches techniques de composants électroniques |
|
MMBTH10G-X-AN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MMBTH10G-X-AN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD MMBTH10 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 5 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R206-003.F RF TRANSISTOR DESCRIPTION The UTC MMBTH10 is designed for using as VHF and UHF oscillators and VHF Mixer in a tuner of a TV receiver. ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Plating Halogen Free Package 1 2 3 Packing MMBTH10-x-AE3-R MMBTH10L-x-AE3-R MMBTH10G-x-AE3-R SOT-23 E B C Tape Reel MMBTH10-x-AL3-R MMBTH10L-x-AL3-R MMBTH10G-x-AL3-R SOT-323 E B C Tape Reel MMBTH10-x-AN3-R MMBTH10L-x-AN3-R MMBTH10G-x-AN3-R SOT-523 E B C Tape Reel MARKING |
Numéro de pièce similaire - MMBTH10G-X-AN3-R |
|
Description similaire - MMBTH10G-X-AN3-R |