| Moteur de recherche de fiches techniques de composants électroniques |
|
MBR20100CL-TQ2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MBR20100CL-TQ2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MBR20100C DIODE www.unisonic.com.tw 1 of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R601-016,C SCHOTTKY BARRIER RECTIFIER FEATURES * 20 Amps Total (10 Amps Per Diode Leg) * Guard Ring for Transient Protection * Low Forward Voltage Drop * High Surge Capability * Low Power Loss/High Efficiency SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 MBR20100CL-TA3-T MBR20100CG-TA3-T TO-220 A K A Tube MBR20100CL-TF3-T MBR20100CG-TF3-T TO-220F A K A Tube MBR20100CL-TQ2-R MBR20100CG-TQ2-R TO-263 A K A Tape Reel MBR20100CL-TQ2-T MBR20100CG-TQ2-T TO-263 A K A Tube Note: Pin Assignment: A: Anode K: Cathode (1) T: Tube, R: Tape Reel (2) TA3: TO-220, TF3, TO-220F, TQ2: TO-263 (3) G:Halogen Free, L: Lead Free MBR20100CL-TA3-T (1)Packing Type (2)Package Type (3)Lead Free |
Numéro de pièce similaire - MBR20100CL-TQ2-R |
|
Description similaire - MBR20100CL-TQ2-R |