| Moteur de recherche de fiches techniques de composants électroniques |
|
M7085L-SM1-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
M7085L-SM1-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 7 page ![]() M7085 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 7 www.unisonic.com.tw QW-R502-092, Ba PIN CONFIGURATION SGND ISENSE NC FB ADJ PGND PGATE VIN 1 2 3 4 6 7 8 5 PIN DESCRIPTION PIN NO PIN NAME DESCRIPTION 1 ISENSE The over-current protection input pin that be connected to Drain node of the external P-Channel. 2 SGND Signal Ground. 3 NC No Connection. 4 FB The feedback voltage input. 5 ADJ The over-current protection input pin that adjust current limit threshold. 6 PGND Power Ground. 7 GATE Driver pin to Gate of the external P-Channel. PGATE swings between VIN and VIN-5V. 8 VIN Power Supply BLOCK DIAGRAM |