Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR1125G-S08-R Fiches technique(PDF) 6 Page - Unisonic Technologies

No de pièce LR1125G-S08-R
Description  500mA, LOW-VOLTAGE LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1125G-S08-R Fiches technique(HTML) 6 Page - Unisonic Technologies

  LR1125G-S08-R Datasheet HTML 1Page - Unisonic Technologies LR1125G-S08-R Datasheet HTML 2Page - Unisonic Technologies LR1125G-S08-R Datasheet HTML 3Page - Unisonic Technologies LR1125G-S08-R Datasheet HTML 4Page - Unisonic Technologies LR1125G-S08-R Datasheet HTML 5Page - Unisonic Technologies LR1125G-S08-R Datasheet HTML 6Page - Unisonic Technologies LR1125G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LR1125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-416.A
TYPICAL CHARACTERISTICS (VOUT = 3.3V, VIN = VOUT + 500mV, SHDN = IN, CIN = 1µF, COUT =
10µF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7