| Moteur de recherche de fiches techniques de composants électroniques |
|
AP2114 Fiches technique(PDF) 2 Page - BCD Semiconductor Manufacturing Limited |
|
|
|||||||||||||||||||||||||||||
AP2114 Fiches technique(HTML) 2 Page - BCD Semiconductor Manufacturing Limited |
|
2 / 28 page ![]() Preliminary Datasheet 1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE AP2114 Oct. 2010 Rev. 1. 3 BCD Semiconductor Manufacturing Limited 2 Pin Configuration H Package S Package (SOT-223) (TO-263-3) D Package (TO-252-2 (1)) (TO-252-2 (3)) M Package MP Package (SOIC-8) (PSOP-8) Figure 2. Pin Configuration of AP2114 (Top View) |