| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX2L-AG6-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
IMX2L-AG6-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 2 page ![]() UNISONIC TECHNOLOGIES CO., LTD IMX2 DUAL TRANSISTOR www.unisonic.com.tw 1 of 2 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R215-004.Ba GENERAL PURPOSE DUAL TRANSISTOR FEATURES * Two 2SC2412 chips in a SMT package EQUIVALENT CIRCUITS TR2 TR1 (1) (2) (3) (4) (5) (6) ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 4 5 6 IMX2L-AG6 -R IMX2G-AG6-R SOT-26 C2 B1 C1 E1 E2 B2 Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter (1) R: Tape Reel (2) AG6: SOT-26 (3) G: Halogen Free, L: Lead Free IMX2L-AG6-R (1)Packing Type (2)Package Type (3)Lead Free MARKING |
Numéro de pièce similaire - IMX2L-AG6-R |
|
Description similaire - IMX2L-AG6-R |