| Moteur de recherche de fiches techniques de composants électroniques |
|
IMT2A Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
IMT2A Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD IMT2A PNP EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R215-003,C GENERAL PURPOSE DUAL TRANSISTOR DESCRIPTION The UTC IMT2A is a general purpose dual transistor within two chips in a SMT package. FEATURES * Two Chips in a SMT Package EQUIVALENT CIRCUITS ORDERING INFORMATION Order Number Package Pin Description Packing Lead Free Halogen Free 1 2 3 4 5 6 IMT2AL-AG6-R IMT2AG-AG6-R SOT-26 C2 B1 C1 E1 E2 B2 Tape Reel MARKING |
Numéro de pièce similaire - IMT2A |
|
Description similaire - IMT2A |