| Moteur de recherche de fiches techniques de composants électroniques |
|
DTC143ZL-AL3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC143ZL-AL3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC143Z NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-077.D NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTC143ZL-AE3-R DTC143ZG-AE3-R SOT-23 G I O Tape Reel DTC143ZL-AL3-R DTC143ZG-AL3-R SOT-323 G I O Tape Reel DTC143ZL-AN3-R DTC143ZG-AN3-R SOT-523 G I O Tape Reel DTC143ZL-T92-B DTC143ZG-T92-B TO-92 G O I Tape Box DTC143ZL-T92-K DTC143ZG-T92-K TO-92 G O I Bulk DTC143ZL-T92-R DTC143ZG-T92-R TO-92 G O I Tape Reel DTC143ZL-T9S-K DTC143ZG-T9S-K TO-92SP G O I Bulk MARKING CE3Z Z: Lead Free Z: Halogen Free |
Numéro de pièce similaire - DTC143ZL-AL3-R |
|
Description similaire - DTC143ZL-AL3-R |