| Moteur de recherche de fiches techniques de composants électroniques |
|
KPY32-R Fiches technique(PDF) 1 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
KPY32-R Fiches technique(HTML) 1 Page - Siemens Semiconductor Group |
|
1 / 3 page ![]() Similar to TO-8 Semiconductor Group 1 02.97 Silicon Piezoresistive Relative Pressure Sensor KPY 32-R Features • Low pressure and temperature hysteresis • Fast response • High sensitivity and linearity • Fatigue free monocrystaline silicon diaphragm giving high load cycle stability • High long term stability • Metal housing Type and Marking Symbol Pressure Range Unit Ordering Code KPY 32-R P 0 … PN 0 … 0.06 bar Q62705-K150 Pin Configuration 1 − V IN 2 − V OUT 3 Not connected 4 Temperature sensor 5 Temperature sensor 6 Shielding, to be connected to + V IN 7 + V IN 8 + V OUT |
Numéro de pièce similaire - KPY32-R |
|
Description similaire - KPY32-R |